Part Number Hot Search : 
000F1 ALN0230 AAT31 1N753 15SMC130 STF3060C HR0301A 355003
Product Description
Full Text Search
 

To Download 440SJ084M10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 440-084 EMI/RFI Tinel-Lock(R) Ring Adapter
Rotatable Coupling - Standard Profile
440
A-F-H-L-S
ROTATABLE COUPLING FOR TINEL-LOCK(R) RING TERMINATIONS
CONNECTOR DESIGNATORS
440 F S 084 M 20 12-8 AI T1 Product Series Connector Designator Angle and Profile H = 45 J = 90 S = Straight Basic Part No. Cable Entry (Table IV) Finish (Table II) Shell Size (Table I) Tinel-Lock(R) Ring Supplied (Table V - Omit for none) Length: S only (1/2 inch increments, e.g. 8 = 4.000 inches) Shrink Boot Options (Table IV - Omit for none)
Length .060 (1.52) Min. Order Length 2.0 inch
O-Ring A Thread (Table I) C Typ. (Table I) Length **
** Length .060 (1.52) Min. Order Length 1.0 inch (See Note 4) L (Table IV) J* K*
* (Table IV)
STYLE 2 (STRAIGHT See Note 1) .88 (22.4) Max
.135 (3.4) .005 (.1) .272 (6.9) Ref. .525 (13.3)
(Table III)
E
G (Table III) F (Table III)
STYLE 2 (45 & 90 See Note 1)
H (Table III)
.070 (1.8) Thermochromic Paint (Note 6) Tinel-Lock(R) Ring Option (See Table V)
(c) 2005 Glenair, Inc.
Add "-445" to Specify Glenair's Non-Detent, ("NESTOR") Spring-Loaded, Self-Locking Coupling. See Page 41 for Details.
Tinel-Lock(R) is a registered trademark of Tyco
CAGE Code 06324 Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 60
Rotatable Coupling - Standard Profile
TABLE III: ELBOW DIMENSIONS Shell Size Conn. Desig. H A-F-L-S 03 09 08 11 10 13 12 15 14 17 16 19 18 21 20 23 22 25 24 28 32 36 40 44 48 61 E Max .64 (16.3) .64 (16.3) .66 (16.8) .69 (17.5) .71 (18.0) .73 (18.5) .75 (19.1) .77 (19.6) .80 (20.3) .82 (20.8) 1.04 (26.4) 1.09 (27.7) 1.14 (29.0) 1.18 (30.0) 1.24 (31.5) 1.29 (32.8) 1.00 (25.4) F Max .89 (22.6) .89 (22.6) .92 (23.4) .94 (23.9) .97 (24.6) .99 (25.1) 1.00 (25.4) 1.02 (25.9) 1.06 (26.9) 1.09 (27.7) 1.26 (32.0) 1.30 (33.0) 1.35 (34.3) 1.39 (35.3) 1.44 (36.6) 1.49 (37.8) 1.21 (30.7) G Max .75 (19.1) .75 (19.1) .81 (20.6) .87 (22.1) .92 (23.4) .98 (24.9) 1.02 (25.9) 1.08 (27.4) 1.14 (29.0) 1.20 (30.5) 1.48 (37.6) 1.61 (40.9) 1.72 (43.7) 1.83 (46.5) 1.95 (49.5) 2.08 (52.8) 1.39 (35.3) H Max 1.00 (25.4) 1.00 (25.4) 1.06 (26.9) 1.12 (28.4) 1.19 (30.2) 1.25 (31.8) 1.27 (32.3) 1.33 (33.8) 1.41 (35.8) 1.48 (37.6) 1.72 (43.7) 1.81 (46.0) 1.92 (48.8) 2.03 (51.6) 2.16 (54.9) 2.28 (57.9) 1.57 (39.9)
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE IV: CABLE ENTRY L Tinel-Lock(R) K J Dash +.008 (.2) Shrink Boot Shrink Boot Ring Entry Dia Max I.D. No. -.000 (.0) Option T2* Option T1* Size .375 (9.5) .250 (6.4) 04 .044 (1.1) 202K121-25-0 202K121-100-0 04 .437 (11.1) .312 (7.9) 05 .044 (1.1) 202K132-100-0 202K132-25-0 05 .500 (12.7) .375 (9.5) 06 .044 (1.1) 202K132-25-0 202K132-100-0 06 .562 (14.3) .437 (11.1) 07 .044 (1.1) 202K142-100-0 202K142-25-0 07 .625 (15.9) .500 (12.7) 08 .044 (1.1) 202K142-25-0 202K142-100-0 08 .750 (19.1) .625 (15.9) 10 .044 (1.1) 202K153-100-0 202K153-25-0 10 .875 (22.2) .750 (19.1) 12 .044 (1.1) 202K153-100-0 202K153-25-0 12 .875 (22.2) 1.000 (25.4) 14 .069 (1.8) 202K163-25-0 202K163-100-0 14 16 1.000 (25.4) 1.125 (28.6) .069 (1.8) 202K163-100-0 202K163-25-0 16 18 1.125 (28.6) 1.250 (31.8) .069 (1.8) 202K174-25-0 202K174-100-0 18 20 1.250 (31.8) 1.375 (34.9) .069 (1.8) 202K174-100-0 202K174-25-0 20 22 1.375 (34.9) 1.500 (38.1) .084 (2.1) 202K174-100-0 202K174-25-0 22 * Raychem Shrink Boot and Epoxy/Polyamide Two Part Adhesive Paste (S1125) Supplied with "T1" Option (See Part Number Development) ** Raychem Shrink Boot and Hot-Melt/Polyolyfin Adhesive Supplied with "T2" Option (See Part Number Development) - This is a Halogen Free System 1. When maximum cable entry (page 21) is exceeded, Style 2 will be supplied. Dimensions E, F, G, and H will not apply. Please consult factory. 2. Interface O-Ring not supplied with Connector Designator A. 3. Consult factory for shorter lengths on straight backshells. 4. See pages 40 for Shrink Boot Reference Information. 5. The Tinel-Lock(R) ring designator must be specified according to the type of cable braid used. Tinel-Lock(R) rings are marked with thermochromic paint which changes color when the correct installation temperature is reached. BI rings are identified with a red spot. CI rings are identified with a blue spot.
(c) 2005 Glenair, Inc. CAGE Code 06324
TABLE V: TINEL-LOCK(R) RING Ring Braid Type Designator Single Layer 36 AWG AI Single Layer 34 AWG AI Single Layer 32 AWG BI Single Layer 30 AWG BI Double Layer 36 AWG BI Double Layer 34 AWG BI Double Layer 32 AWG CI
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 61
440
440-084 EMI/RFI Tinel-Lock(R) Ring Adapter


▲Up To Search▲   

 
Price & Availability of 440SJ084M10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X